PART |
Description |
Maker |
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
CQ218-45B CQ218-45D CQ218-45M CQ218-45N |
Leaded Thyristor TRIAC 45 AMP TRIAC 800 V, 45 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ3P-25N CQ3P-25B CQ3P-25D CQ3P-25M |
ISOLATED 30 AMP TRIAC 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ220I-8BR CQ220I-8MR CQ220I-8NR CQ220I-8DR |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SC261 SC260 SC2603 SC260D SC260M SC260M3 SC261B SC |
Triac. Bidirectional triode thyristor. 25A RMS. Repetitive peak off-state voltage 200 V. Triac. Bidirectional triode thyristor. 25A RMS. Repetitive peak off-state voltage 600 V. Triac. Bidirectional triode thyristor. 25A RMS. Repetitive peak off-state voltage 400 V. Triacs Bidirectional Triode Thyristors
|
MOTOROLA[Motorola, Inc]
|
2N6072 2N6072A 2N6072B 2N6074 2N6074A 2N6074B 2N60 |
Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 300 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 500 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 600 V.
|
Motorola
|
TMA166P-L TMA16XP |
Triac (Bidirectional Triode Thyristor)
|
Sanken electric
|
TMA86I TMA86S-L TMA84 TMA84I TMA84S-L TMA86 TMA8X |
Triac (Bidirectional Triode Thyristor)
|
Sanken electric
|